Part Number Hot Search : 
AM29F0 ALFY455E DU222 256574 CXA3171N AO4488 D4235G MC1558SG
Product Description
Full Text Search
 

To Download RS401L08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
Micro Commercial Components Corp.
Products End of Life Notification
Issue date: Jan-1th-2010 Last Buy Date : Apr-29th-2010 Description and Purpose: MCC has undergone a review of its core business and products , and determined to discontinue below products:
Discontinued Devices
Possible Replacements
RS401L
RS401GL
RS402L
RS402GL
RS403L
RS403GL
RS404L
RS404GL
RS405L
RS405GL
RS406L
RS406GL
RS407L
RS407GL
www.mccsemi.com
MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
RS401L THRU RS407L
Features
* * * * Low Leakage and Low Forward Voltage Silver Plated Copper Leads Any Mounting Position Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix designates RoHS Compliant. See ordering information) Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1
4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS - 4L
A
* * * *
Maximum Ratings -55C to +125C Operating Temperature(Tj):
Storage Temperature(Tstg): -55C to +150C Typical Thermal Resistance per leg (Rthja): 19 C/W. Typical Thermal Resistance per leg (RthjL): 2.4C /W. MCC Catalog Number
RS401L RS402L RS403L RS404L RS405L RS406L RS407L
Device Marking
RS401L RS402L RS403L RS404L RS405L RS406L RS407L
Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V
Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V
Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
B AC
+
-
C
H
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element Maximum DC Reverse Current At Rated DC Blocking Voltage
Notes:
IF(AV) IFSM VF
4.0A 200A
TA = 50C 8.3ms, half sine
G E
D
1.1V
IFM = 3.0A; TJ = 25C TJ = 25C TJ = 100C
DIM A B C D E G H INCHES MIN .728 .600 .750 .236 .180 -----.048
DIMENSIONS MM MIN 18.50 15.20 19.00 6.00 4.60 -----1.20
IR
10A 1.0mA
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
MAX .768 .640 --.256 .220 .083 .052
MAX 19.50 16.30 --6.50 5.60 2.10 1.30
NOTE
www.mccsemi.com
Revision: 7
1 of 3
2008/01/30
MCC
RS401L thru RS407L
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.2 1.4 Volts Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 10 6 4 2 1 .6 .4 .2 TJ=25C Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60 80 100 120 140
TM
Micro Commercial Components
Figure 2 Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 3 Forward Derating Curve 6.0
Figure 4 Peak Forward Surge Current 300 250 200
5.0
4.0
150
3.0 Amps 2.0
Amps
100 50 0
1.0 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 25 50 75 100 125 150
1
2
4
6
8 10 Cycles
20
40
60 80 100
Average Forward Rectified Current - Amperes versus Case Temperature - C
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
Revision: 7
www.mccsemi.com
2 of 3
2008/01/30
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-BP Packing Bulk;300pcs/Box
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 7
3 of 3
2008/01/30


▲Up To Search▲   

 
Price & Availability of RS401L08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X